PART |
Description |
Maker |
MAX6953 MAX6953EPL |
2-Wire Interfaced / 2.7V to 5.5V / 4-Digit 5 x 7 Matrix LED Display Driver Dual 4-Bit Decade And Binary Counters 16-CDIP -55 to 125
|
MAXIM INTEGRATED PRODUCTS INC
|
H7HP-A H7HP-AB H7HP-AD H7HP-ADB |
Compact Total Counters and Time Counters with Easy-to-read Displays and IP66G/ NEMA4 Water and Oil Resistance
|
Omron Electronics LLC
|
AT27C1024 AT27C1024-12JC AT27C1024-12JI AT27C1024- |
Dual 4-Bit Binary Counters 14-SSOP -40 to 85 Dual 4-Bit Binary Counters 14-SO -40 to 85 64K X 16 OTPROM, 55 ns, PQCC44 1-Megabit 64K x 16 OTP EPROM 64K X 16 OTPROM, 90 ns, PDIP40 1-Megabit 64K x 16 OTP EPROM 64K X 16 OTPROM, 90 ns, PQCC44 1-Megabit 64K x 16 OTP EPROM 64K X 16 OTPROM, 90 ns, PDSO40 Dual 4-Bit Binary Counters 14-TSSOP -40 to 85 64K X 16 OTPROM, 70 ns, PQCC44 Dual 4-Bit Binary Counters 14-SOIC -40 to 85 Dual 4-Bit Binary Counters 14-TVSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
HCF40103 HCF40103BEY HCF40103BM1 HCF40103B02 HCF40 |
8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS 8-STAGE PRESETTABLE SYNCHRONOUS 8 BIT BINARY DOWN COUNTERS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
|
ST Microelectronics STMicroelectronics
|
MC14163B MC14161B MC14162B MC14162BD MC14162BL MC1 |
Synchronous Presettable 4-Bit Counters SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
|
MOTOROLA[Motorola, Inc]
|
5962-88670033X 5962-8867004LX 5962-8867002LX 5962- |
Low-Power, 3 1/2 Digit A/D Converter Low-Noise, 4 1/2 Digit, Single-Chip ADC with Multiplexed LCD Drivers 3 1/2 Digit ADC with Direct LCD Display/Hold UV-Erasable/OTP可编程逻辑器件
|
NEC, Corp.
|
MTN2118-AG MTN2118-CG MTN7118M-31C MTN4118-AHR MTN |
Marktech 1.80 Single Digit TERM. F/O CABLE SC-SC/ DPLX/RISER/3M/GREEN (MTNxxxx) 1.8 Single Digit Display 1.8 Single Digit Display 1.8单数
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
TC7116CPL TC7116ACKW TC7116CKW TC7117AIJL TC7117A |
3-1/2 Digit Analog-to-Digital Converters with Hold The TC7116A/TC7117A are 3-1/2 digit CMOS analog-to-digital converters (ADCs)containing all the active components necessary to construct a 0.05% resolution measurement system.Seven-segment decoders, polarity and digit drivers, voltage refer
|
MICROCHIP[Microchip Technology]
|
M36WT864TF 8967 M36WV8B85ZA6T M36WT864 M36WT864B10 |
From old datasheet system 64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
LTS-547AHR |
0.52 Inch (13.2 mm) digit height single digit seven-segment display From old datasheet system
|
光宝科技股份有限公司 Lite-On Technology Corporation
|